Part Number Hot Search : 
PCF12 ES3207 15KPA45A CEM4936 C3602EF G25PP IMP1817 2SC13
Product Description
Full Text Search
 

To Download BUZ100S-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BUZ 100S-4
SIPMOS (R) Power Transistor
* Quad-channel * Enhancement mode * Avalanche-rated * dv/dt rated
Type BUZ 100S-4
VDS
55 V
ID
8A
RDS(on)
0.02
Package P-DSO-28
Ordering Code C67078-S. . . . -A..
Maximum Ratings Parameter Continuous drain current one channel active Symbol Values 8 Unit A
ID IDpuls
32
TA = 25 C
Pulsed drain current one channel active
TA = 25 C
Avalanche energy, single pulse
EAS
380 dv/dt 6
mJ
ID = 8 A, VDD = 25 V, RGS = 25 L = 11.8 mH, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 8 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Power dissipation ,one channel active
VGS Ptot
20 2.4
V W
TA = 25 C
Operating temperature Storage temperature IEC climatic category, DIN IEC 68-1
Tj Tstg
-55 ... + 175 -55 ... + 175 55 / 175 / 56
C
Semiconductor Group
1
01/Oct/1997
Preliminary data
BUZ 100S-4
Thermal Characteristics Parameter Symbol min. Thermal resistance, junction - soldering point 1) Thermal resistance, junction - ambient 2) Values typ. max. tbd 62.5 K/W Unit
RthJS RthJA
-
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer,70m thick) copper area for Drain connection. PCB is vertical without blown air.
2) one channel active
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
55 3 0.1 10 0.016 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 130 A
Zero gate voltage drain current
IDSS
0.1 1 100
A
VDS = 55 V, VGS = 0 V, Tj = -40 C VDS = 55 V, VGS = 0 V, Tj = 25 C VDS = 55 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS
100
nA 0.02
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 8 A
Semiconductor Group
2
01/Oct/1997
Preliminary data
BUZ 100S-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
15 1900 615 310 -
S pF 2375 770 390 ns 25 40
VDS 2 * ID * RDS(on)max, ID = 8 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 8 A RG = 4.6
Rise time
tr
25 40
VDD = 30 V, VGS = 10 V, ID = 8 A RG = 4.6
Turn-off delay time
td(off)
75 115
VDD = 30 V, VGS = 10 V, ID = 8 A RG = 4.6
Fall time
tf
35 3.8 50 63 4.43 55 nC 5.7 75 95 V -
VDD = 30 V, VGS = 10 V, ID = 8 A RG = 4.6
Gate charge at threshold
Qg(th) Qg(7)
-
VDD = 40 V, ID 0.1 A, VGS =0 to 1 V
Gate charge at 7.0 V
VDD = 40 V, ID = 8 A, VGS =0 to 7 V
Gate charge total
Qg(total)
-
VDD = 40 V, ID = 8 A, VGS =0 to 10 V
Gate plateau voltage
V(plateau)
VDD = 40 V, ID = 8 A
Semiconductor Group
3
01/Oct/1997
Preliminary data
BUZ 100S-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TA = 25 C Inverse diode direct current, pulsed A 0.95 70 0.2 8 32 V 1.6 ns 105 C 0.3 Values typ. max. Unit
ISM VSD trr Qrr
TA = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 16 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
01/Oct/1997
Preliminary data
BUZ 100S-4
Power dissipation Ptot = (T)
Drain current ID = (TC) parameter: VGS 10 V
9 A
2.6 W 2.2
RthJC thJA
Ptot
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
ID
7 6 5 4 3 2 1
0.2 0.0 0 20 40 60 80 100 120 140 C T 180 0 0 20 40 60 80 100 120 140 C 180
TC
Semiconductor Group
5
01/Oct/1997
Preliminary data
BUZ 100S-4
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
l
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.065
18 A
k tot = 2W ji P h ge fd
VGS [V] 4.0 ca b 4.5
c 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
0.055
a
ID
14 12 10 8
RDS (on) 0.050
0.045 0.040 0.035 0.030
c b
d e f g h i
0.025 0.020 0.015 0.010
VGS [V] =
a 4.5 4.0 5.0 b 5.5 c 6.0 d 6.5 e f 7.0 7.5 g 8.0 h i j 9.0 10.0 20.0
b
d e f h i j g
6 4 2
j k l
a
0.005 V 5.0 0.000 0
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
2
4
6
8
10
12
A
16
VDS
ID
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
120 A 100
ID
90 80 70 60 50 40 30 20 10 0 0 1 2 3 4 5 6 7 8 V VGS 10
Semiconductor Group
6
01/Oct/1997
Preliminary data
BUZ 100S-4
Drain-source on-resistance RDS (on) = (Tj) parameter: ID = 8 A, VGS = 10 V
0.055
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 130 A
4.6 V 4.0
0.045 RDS (on) 0.040
98%
VGS(th)
3.6 3.2
typ
0.035 2.8 0.030
98%
0.025
2.4 2.0 1.6 1.2 0.8 0.4
2%
typ
0.020 0.015 0.010 0.005 0.000 -60 -20 20 60 100 C 180
0.0 -60
-20
20
60
100
C
180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj, tp = 80 s
10 3
A
C
pF
IF
10 2
Ciss
10 3
Coss
10 1
Tj = 25 C typ Crss Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 2 0 10 0 0.0
5
10
15
20
25
30
V 40 VDS
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
01/Oct/1997
Preliminary data
BUZ 100S-4
Avalanche energy EAS = (Tj) parameter: ID = 8 A, VDD = 25 V RGS = 25 , L = 11.8 mH
400 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 8 A
16
V
EAS 320
280 240 200 160 120
VGS
12
10
8
0,2 VDS max
0,8 VDS max
6
4 80 40 0 20 2 0 0
40
60
80
100
120
140
C
180
10
20
30
40
50
60
70
nC
90
Tj
QGate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V
V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
01/Oct/1997


▲Up To Search▲   

 
Price & Availability of BUZ100S-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X